Part Number Hot Search : 
N111203 SAM35SMS SF2004GD SQ4435EY SMBJ6A BZM55B15 2SC4721 MBR2540
Product Description
Full Text Search
 

To Download PL8101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Military/Aerospace Products
MILITARY/AEROSPACE PRODUCTS
Pulse is one of the leading manufacturers of magnetic interface transformers, data bus couplers, delay lines, Ethernet transformers, and custom electronic components for Military/Aerospace applications. Both catalog and custom designs include a comprehensive range of high-performance solutions and packaging for QPL and non-QPL MIL-STD-1553 interface transformers, various MIL-STD-1553 Data Bus Couplers and QPL and non-QPL active and passive delay lines. In addition, Copperhead transformers and transceivers support a variety of high-speed applications that includes Fibre Channel, Gigabit Ethernet, SONET, HDTV, IEEE1394B, SMTPE, Ethernet and AFDX buses. Pulse's Military/Aerospace products are designed to meet the most demanding requirements for military, aerospace and industrial applications. For catalog and/or custom designed products, contact Pulse's Military/Aerospace Division at 215-781-6400 or find an authorized distributor or representative on the Pulse website. See back cover. HIGH SPEED DATA BUS
Ordering Information1 Copperhead TM Series Transceiver Line Interface Modules
High Speed Data and Communications over 100+ Meters of Copper:

Withstands infrared and vapor phase soldering Military temperature range -55C to +125C Low transmit/receive jitter Low power dissipation; 450 mW typical ECL logic interface Surface mount - pick and place compatible
Applications:
Fibre Channel, Gigabit Ethernet, SONET, HDTV, IEEE 1394B, SMTPE
1. Web: http://www.pulseeng.com/products/datasheets/fibre.pdf
Copperhead TM Series 1, 2 Part Number Turns Ratio (5%) Primary Inductance (H MIN) Rise Time (ps MAX @ 20-80%) DC Resistance ( MAX) Hipot (Vrms MIN) Insertion Loss (dB MAX) Application Nominal Bit Rate (Mbaud)
T-330SCT 1CT:1CT 26.0 (@ 1.0 Vrms, 100 kHz) 350 0.2 1500 -1.5 (15-165 MHz) 265.625 (quarter speed) T-1062SCT 1CT:1CT 3.75 (@ 1.0 Vrms, 100 kHz) 280 0.2 1500 -2.0 (100-625 MHz) 1062.50 (full speed) T-1250SCT 1CT:1CT 3.75 280 0.2 1500 -2.0 1250 T-1485SCT 1CT:1CT 3.75 280 0.2 1500 -2.0 1485 (SMPTE) T-3200SCT 1:1 0.70 200 0.2 1500 -4.50 3200 1. Web: http://www.pulseeng.com/products/datasheets/M105.pdf 2. Dual Transformers designed specifically for Point-to-Point Coupling to 150 Twinax Cable: Withstands infrared and vapor phase soldering; Military Temp Range = -55C to +125C; Weight = 1.0 grams; Surface Mount = pick-and-place compatible. Applications: Fibre Channel, Gigabit Ethernet, SONET, HDTV, IEEE 1394B, SMTPE. Application Notes: These isolation transformers protect the station from static charges that may develop on the cable and prevent ground loop currents from being transferred between stations. They have also been designed to provide common mode rejection within the transmission band, reducing EMI.
MILITARY/AEROSPACE ETHERNET/AFDX
10/100 Number of Ports Part Number 100B-1001 100B-1001X 100B-1003 100B-1003X 100B-2002 100B-2002X 100B-4005 100B-4005X Turns Ratio 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT Configuration 2 RX TX T, C, S T, C, S T,C T,C T, C T, C T,C T,C T,C T,C T,C T,C T,C T,C T,C T,C Package Style 12-pin SMT 12-pin SMT 16-pin SOIC 16-pin SOIC 24-pin SMT 24-pin SMT 40-pin SOIC 40-pin SOIC Size L/W/H (in.) .630 / .470 / .185 .630 / .470 / .185 .500 / .265 / .235 .500 / .265 / .235 .518 / .595 / .241 .518 / .595 / .241 1.120 / .480 / .280 1.120 / .480 / .280 Data Sheet 1 M101 M101 M101 M101 M110 M110 M102 M102
Single Dual Quad
1. Web: http://www.pulseeng.com/products/datasheets/M101.pdf or M102.pdf 2. T = Transformer, C = Choke, S = Shunt inductor, SMT = 50 mil pitch leads, SOIC = 100 mil pitch leads
SM = Surface Mount
G003.U (2/07)
www.pulseeng.com
63
Military/Aerospace Products
MILITARY/AEROSPACE PRODUCTS
MILITARY/AEROSPACE ETHERNET/AFDX (continued)
Gigabit Number of Ports Single Part Number 1000B-5001 1000B-5001X 1000B-5002 1000B-5002X 1000B-5003 1000B-5003X Turns Ratio 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT 1CT:1CT Configuration 3 RX TX T, C, S T, C, S T, C, S T, C, S T, C, S T, C, S T, C, S T, C, S T, C T, C T, C T, C Style 24-pin SOIC 24-pin SOIC 24-pin SOIC 24-pin SOIC 50-pin SOIC 2 50-pin SOIC 2 Package Size L/W/H (in.) .695 / .635 / .230 .695 / .635 / .230 .695 / .635 / .230 .695 / .635 / .230 1.095 / .430 / .340 1.095 / .430 / .340 Data Sheet 1 M106 M106 M106 M106 M106 M106
Dual
1. Web: http://www.pulseeng.com/products/datasheets/M106.pdf 2. 0.99mm (.039") pitch leads 3. T = Transformer, C = Choke, S = Shunt inductor, SMT = 50 mil pitch leads, SOIC = 100 mil pitch leads
MIL-STD-1553
Non-QPL, Low Profile and Stacked 1 Part 2 Number FL1553-1 GL1553-1 TL1553-1 FL1553-2 GL1553-2 TL1553-2 FL1553-3 GL1553-3 TL1553-3 FL1553-5 GL1553-5 TL1553-5 FL1553-45 GL1553-45 TL1553-45 DFL1553-1 DGL1553-1 DTL1553-1 DFL1553-2 DGL1553-2 DTL1553-2 DFL1553-3 DGL1553-3 DTL1553-3 DFL1553-5 DGL1553-5 DTL1553-5 DFL1553-45 DGL1553-45 DTL1553-45 STQ1553-1 STQ1553-2 STQ1553-3 Turns Ratio (3%) 1CT:1CT/1CT:.707CT 1CT:1CT/1CT:.707CT 1CT:1CT/1CT:.707CT 1.4CT:1CT/2CT:1CT 1.4CT:1CT/2CT:1CT 1.4CT:1CT/2CT:1CT 1.25CT:1CT/1.66CT:1CT 1.25CT:1CT/1.66CT:1CT 1.25CT:1CT/1.66CT:1CT 1CT:2.12CT/1CT:1.5CT 1CT:2.12CT/1CT:1.5CT 1CT:2.12CT/1CT:1.5CT 1CT:2.5CT/1CT:1.79CT 1CT:2.5CT/1CT:1.79CT 1CT:2.5CT/1CT:1.79CT 1CT:1CT/1CT:.707CT 1CT:1CT/1CT:.707CT 1CT:1CT/1CT:.707CT 1.4CT:1CT/2CT:1CT 1.4CT:1CT/2CT:1CT 1.4CT:1CT/2CT:1CT 1.25CT:1CT/1.66CT:1CT 1.25CT:1CT/1.66CT:1CT 1.25CT:1CT/1.66CT:1CT 1CT:2.12CT/1CT:1.5CT 1CT:2.12CT/1CT:1.5CT 1CT:2.12CT/1CT:1.5CT 1CT:2.5CT/1CT:1.79CT 1CT:2.5CT/1CT:1.79CT 1CT:2.5CT/1CT:1.79CT 1CT:1CT/1CT:.707CT 1.4CT:1CT/2CT:1CT 1.25CT:1CT/1.66CT:1CT Impedance ( MIN) 4,000 4,000 4,000 7,200 7,200 7,200 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 7,200 7,200 7,200 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 4,000 7,200 4,000 Package* L/W/H (in.) .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .630 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .930 / .630 / .155 .630 / .630 / .340 .630 / .630 / .340 .630 / .630 / .340 Data Sheet NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 NQPLC2 2, 3 Part 2 Number Turns Ratio (3%) Impedance ( MIN) Package* L/W/H (in.) Data Sheet
STQ1553-5 1CT:2.12CT/1CT:1.5CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 STQ1553-45 1CT:2.5CT/1CT:1.79CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SFQ1553-1 1CT:1CT/1CT:.707CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SGQ1553-1 1CT:1CT/1CT:.707CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SFQ1553-2 1.4CT:1CT/2CT:1CT 7,200 .630 / .630 / .340 NQPLC2 2, 3 SGQ1553-2 1.4CT:1CT/2CT:1CT 7,200 .630 / .630 / .340 NQPLC2 2, 3 SFQ1553-3 1.25CT:1CT/1.66CT:1CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SGQ1553-3 1.25CT:1CT/1.66CT:1CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SFQ1553-5 1CT:2.12CT/1CT:1.5CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SGQ1553-5 1CT:2.12CT/1CT:1.5CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SFQ1553-45 1CT:2.5CT/1CT:1.79CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SGQ1553-45 1CT:2.5CT/1CT:1.79CT 4,000 .630 / .630 / .340 NQPLC2 2, 3 SLQG1553-1 1CT:1CT/1.4CT:1CT 4,000 .630 / .630 / .280 M104 2 SLQG1553-2 1.4CT:1CT/2CT:1CT 7,200 .630 / .630 / .280 M104 2 SLQG1553-3 1.25CT:1CT/1.66CT:1CT 4,000 .630 / .630 / .280 M104 2 SLQG1553-5 1CT:2.12CT/1CT:1.5CT 4,000 .630 / .630 / .280 M104 2 SLQG1553-45 1CT:2.5CT/1CT:1.79CT 4,000 .630 / .630 / .280 M104 2 SLQT1553-1 1CT:1CT/1.4CT:1CT 4,000 .630 / .630 / .280 M104 2 SLQT1553-2 1.4CT:1CT/2CT:1CT 7,200 .630 / .630 / .280 M104 2 SLQT1553-3 1.25CT:1CT/1.66CT:1CT 4,000 .630 / .630 / .280 M104 2 SLQT1553-5 1CT:2.12CT/1CT:1.5CT 4,000 .630 / .630 / .280 M104 2 SLQT1553-45 1CT:2.5CT/1CT:1.79CT 4,000 .630 / .630 / .280 M104 2 SLQF1553-1 1CT:1CT/1.4CT:1CT 4,000 .630 / .630 / .280 M104 2 SLQF1553-2 1.4CT:1CT/2CT:1CT 7,200 .630 / .630 / .280 M104 2 SLQF1553-3 1.25CT:1CT/1.66CT:1CT 4,000 .630 / .630 / .280 M104 2 SLQF1553-5 1CT:2.12CT/1CT:1.5CT 4,000 .630 / .630 / .280 M104 2 SLQF1553-45 1CT:2.5CT/1CT:1.79CT 4,000 .630 / .630 / .280 M104 2 1. Designed and built to conform to MIL-PRF-21038/27 2. Web: http://www.pulseeng.com/products/datasheets/N_QPL_Cat2_links.pdf or M104.pdf 3. Prefix / Operating Temperature : xxxC1553-xx / 0C to +70C ; xxxN1553-xx / -40C to +85C; xxx1553-xx / -55C to +125C
Interface Transformers: COTS Series 1 Part Number
2
Interface Transformers - Low Profile Miniature Series Data Sheet
3
Turns Ratio (3%)
Impedance (W MIN)
Package* (L/W/H) in.
Part Number SMG1553-60 SMG1553-61 SMG1553-62 SMG1553-63 SMG1553-65 SMG1553-66
Turns Ratio (3%) 1.25CT:1CT 1.66CT:1CT 1.41CT:1CT 2CT:1CT 1CT:1.79CT 1CT:2.7CT
Impedance ( MIN) 4,000 4,000 7,200 7,200 4,000 4,000
Package* (L/W/H) in. .400 / .400 / .185 .400 / .400 / .185 .400 / .400 / .185 .400 / .400 / .185 .400 / .400 / .185 .400 / .400 / .185
Data Sheet M112 M112 M112 M112 M112 M112
x1553-1 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .250 NQPLC2 x1553-2 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .250 NQPLC2 x1553-3 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250 NQPLC2 x1553-5 1CT:2.12CT/1.5CT:1CT 4,000 .625 / .625 / .250 NQPLC2 x1553-45 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .250 NQPLC2 1. Designed and built to conform to MIL-PRF-21038/27 2. Prefix / Operating Temperature: C / 0Cto +70C; N / -40C to +85C; TQ / -55C to +125C 3. Web: http://www.pulseeng.com/pdf/N_QPL_Cat2_links.pdf
*Mounting: FP = Flat Pack TH = Through Hole SM = Surface Mount
64
www.pulseeng.com
G003.U (2/07)
Military/Aerospace Products
MILITARY/AEROSPACE PRODUCTS
MIL-STD-1553 (continued)
QPL Series -- Qualified to MIL-PRF-21038/27 Part 1 Number Q1553-20 Q1553-21 Q1553-22 Q1553-23 Q1553-24 Q1553-25 Q1553-51 Q1553-52 Q1553-1 Q1553-2 Q1553-3 Q1553-5 Q1553-45 Q1553-81 Q1553-82 Q1553-83 Q1553-84 Q1553-85 Military Designation Number Turns Ratio Impedance Package* ( MIN) L/W/H (in.) (3%) Data 2 Sheet QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 QPL6 Part 1 Number Military Designation Number Turns Ratio Impedance Package* ( MIN) L/W/H (in.) (3%) Data 2 Sheet
M21038/27-05 1:1.41 3,000 .500 / .350 / .250 M21038/27-06 1CT:1CT 3,000 .500 / .350 / .250 M21038/27-07 1CT:1.41CT 3,000 .500 / .350 / .250 M21038/27-08 1CT:1.66CT 3,000 .500 / .350 / .250 M21038/27-09 1CT:2CT 3,000 .500 / .350 / .250 M21038/27-28 1CT:1.5CT 3,000 .500 / .350 / .250 M21038/27-29 1CT:1.79CT 3,000 .500 / .350 / .250 M21038/27-30 1CT:2.5CT 3,000 .500 / .350 / .250 M21038/27-01 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .250 M21038/27-02 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .250 M21038/27-03 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250 M21038/27-10 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .250 M21038/27-26 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .275 M21038/27-21 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .275 M21038/27-22 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .275 M21038/27-23 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .275 M21038/27-24 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .275 M21038/27-25 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .275
FPQ1553-6 M21038/27-16 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-6 M21038/27-11 1CT:1CT/1CT:.707CT 4,000 .625 / .625 / .250 QPL6 FPQ1553-7 M21038/27-17 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .250 QPL6 SMQ1553-7 M21038/27-12 1.4CT:1CT/2CT:1CT 7,200 .625 / .625 / .250 QPL6 FPQ1553-8 M21038/27-18 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-8 M21038/27-13 1.25CT:1CT/1.66CT:1CT 4,000 .625 / .625 / .250 QPL6 FPQ1553-10 M21038/27-20 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-10 M21038/27-15 1CT:2.12CT/1CT:1.5CT 4,000 .625 / .625 / .250 QPL6 FPQ1553-45 M21038/27-31 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .250 QPL6 SMQ1553-45 M21038/27-27 1CT:2.5CT/1CT:1.79CT 4,000 .625 / .625 / .250 QPL6 1. Part number options: C and T level QPL testing (xxQC1553-xx, xxQT1553-xx, M21038/27-xxC, M21038/27-xxT). 2. Web: http://www.pulseeng.com/products/datasheets/QPL6.pdf 3. Summary Performance Specifications: Droop = 20%; Overshoot = 1 VMAX; Common Mode Rejection = 45 dB; Frequency Range (no load) = 75 kHz to 1 MHz; Operating Temperature Range = -55C to +130C; Weight = 5 grams; Insulation Resistance = 10 kM @ 250 VDC; Dielectric Withstanding Voltage = 100 Vrms
Pulse offers off-the-shelf inductors and transformers for modern military and aerospace power applications--the SLEDTM, the SLIC, and the POGOTM series. The SLED series consists of rail-mount inductors with a ruggedized header for durable board connections, utilizing two rails for board mounting and cores bonded to high temperature headers for durability and mechanical strength. The SLIC series, self-leaded transformers and inductors, have ruggedized construction. The structural header is bonded to the cores and lead wires, increasing mechanical durability. The POGO series are pad-mounted inductors with open construction for robust board mounting with rugged pins used for both surface board-mounting and electrical connection. To locate the current data sheets for these products, go to the Pulse website at the following URL: http://www.pulseeng.com and click the "Military / Aerospace" tile on the Pulse home page. OFF-THE-SHELF POWER INDUCTORS & TRANSFORMERS
Toroid Power Inductors - SLED Series Part @ IRATED Number (H) SLED 20 PL8100 PL8101 PL8102 SLED 30 PL8110 PL8111 PL8112 PL8113 SLED 40 PL8120 PL8121 PL8122 PL8123 PL8124 PL8125 PL8130 PL8131 PL8132 PL8133 PL8150 PL8151 1.01 6.2 17.6 3.8 9.4 29.7 114 2.5 5.1 16.2 58.1 192 383 4.9 9 29.1 645 0.81 1.32 IRATED DCR Inductance (A) (m MAX) @0ADC (H) 3.40 1.40 1.00 4.80 2.80 1.40 0.94 8.00 5.40 2.70 1.30 0.90 0.72 7.80 5.50 2.70 0.74 14.30 11.50 11 70 125 17.3 43.4 166 380 8.3 17.7 72 290 560 862 12.4 28 100 1250 2.5 4.0 1.1 7 22.7 5.2 12.3 35.3 167 3.8 7.5 21.9 73 292 672 7.9 14 40.5 1134 1.25 2.1 Package* L/W/H (in.) Data Sheet Toroid Power Inductors - SLED Series (continued Part @ IRATED Number (H) SLED 50 PL8140 PL8141 PL8142 PL8143 PL8160 PL8161 PL8170 PL8171 9.3 16.1 50 x1070 1.68 2.5 3.5 4.7 IRATED DCR Inductance (A) (m MAX) @0ADC (H) 7.20 5.10 2.60 0.71 13.90 11.40 12.40 10.40 18.7 32.0 133 1700 3.6 5.4 6.6 8.3 16 25.9 72.9 1950 2.8 4.2 6.5 8.4 Package* L/W/H (in.) .900 / .690 / .520 .900 / .690 / .520 .900 / .690 / .520 .900 / .690 / .520 .900 / .690 / .520 .900 / .690 / .520 .900 / .690 / .520 .900 / .690 / .520 Data Sheet M107 M107 M107 M107 M107 M107 M107 M107
.400 / .345 / .250 M107 .400 / .345 / .250 M107 .400 / .345 / .250 M107 .625 / .525 / .400 .625 / .525 / .400 .625 / .525 / .400 .625 / .525 / .400 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 .725 / .575 / .410 M107 M107 M107 M107 M107 M107 M107 M107 M107 M107 M107 M107 M107 M107 M107 M107
SMT Common Mode Chokes: SLIC Series Part Number PL8200 PL8201 PL8202 PL8203 PL8204 PL8205 PL8206 PL8207 PL8208 PL8209 PL8210 Inductance (mH 35%) 0.47 0.63 0.81 0.53 0.59 0.77 0.22 1.32 1.47 0.88 1.17 IRATED (A) 14.0 11.6 9.70 7.20 5.60 4.70 3.30 3.30 2.80 1.63 1.22 DCR (m MAX) 8 10 14 15 21 40 60 60 80 110 200 Package* L/W/H (in.) 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.110 / 1.00 / 395 .770 / .670 / .395 .770 / .670 / .395 .770 / .670 / .390 .770 / .670 / .395 .770 / .670 / .395 .500 / .500 / .215 .500 / .500 / .215 Data Sheet M108 M108 M108 M108 M108 M108 M108 M108 M108 M108 M108
*Mounting: FP = Flat Pack TH = Through Hole SM = Surface Mount
G003.U (2/07)
www.pulseeng.com
65
Military/Aerospace Products
MILITARY/AEROSPACE PRODUCTS
OFF-THE-SHELF POWER INDUCTORS & TRANSFORMERS (continued)
SMT Power Inductors: SLIC (HCCI-80) Series Part @ IRATED Number 1 (H) IRATED DCR Inductance (A) (m) MAX @0ADC (H) 2.1 3.5 5.1 7.2 8.4 9.5 13.8 20.4 28.7 38.0 Package* L/W/H (in.) 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 1.220 / 1.000 / .500 Data Sheet M109 M109 M109 M109 M109 M109 M109 M109 M109 M109 SMT Power Inductors: Toroid, POGO Series (continued) Part @ IRATED Number 1 (H) IRATED DCR Inductance (A) (m) MAX @0ADC (H) 14.0 18.5 23.7 27.4 31.5 40.5 40.5 50.5 74.1 109.8 202.2 161.8 Package* L/W/H (in.) .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 /.380 Data Sheet M115 M115 M115 M115 M115 M115 M115 M115 M115 M115 M115 M115
PL8304 P 1.1 38 1.3 PL8303 P 1.6 34 1.6 PL8302 P 2.45 27 2.5 PL8301 P 3.2 24 3.5 PL8304 S 4.3 19 5.1 PL8300 P 4.52 19 4.8 PL8303 S 6.4 17 6.4 PL8302 S 9.8 13.5 10.1 PL8301 S 12.8 12 13.8 PL8300 S 18.1 9.5 19.3 1. Connection: P = Parallel, S = Series
SMT Power Inductors: Toroid, POGO Series POGO 40 PL8400 S 43.6 1.1 309 77 .725 / .575 / .380 POGO 50 PL8401 S 21.9 2.7 90.5 39.5 .910 / .700 / .510 PL8402 S 4.025 6.4 23 6.575 .910 / .700 / .510 PL8403 P 0.53 23.8 3 0.88 .910 / .700 / .510 PL8404 P 1.1 21 2.5 2.1 .910 / .700 / .510 POGO 60 PL8405 P 2.1 22.4 3.4 4 1.280 / 1.070 / .510 1. Connection: P = Parallel, S = Series SMT Power Inductors: Toroid, SLED Series SLED 25 PL8500 PL8501 PL8502 PL8503 PL8504 PL8505 PL8506 PL8507 PL8508 PL8509 9.4 13.3 23 50 75 90 137 200 305 439 3.8 3.2 2.4 1.6 1.3 1.2 1 .82 .66 .56 32 46 74 135 220 285 425 673 972 1520 10.4 14.6 25 56 83 100 152 220 331 472 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310
POGO 40 (continued) PL8701 S 9.7 5.60 26.20 PL8705 P 12.1 5.40 23.24 PL8702 S 17.0 4.10 41.90 PL8706 P 18.0 4.40 38.15 PL8703 S 23.1 3.40 59.70 PL8707 P 27.0 3.54 53.21 PL8704 S 30.6 2.85 84.00 PL8708 P 34.8 3.00 73.89 PL8705 S 48.5 2.70 93.00 PL8706 S 72.0 2.20 152.60 PL8708 S 139.1 1.50 295.60 PL8707 S 108.0 1.77 212.80 1. Connection: P = Parallel, S = Series
M111 M111 M111 M111 M111 M111
SMT Common Mode Inductors: Toroid, POGO Series Part Inductance IRATED DCR SRF Impedance Number (mH 30%) (A) (m) MAX (MHz) Curve 1 POGO 40 PL8801 1.5 PL8803 10.0 PL8804 22.0 POGO 50 PL8800 1.0 PL8802 3.0 1. See graph:
Impedance (W)
Package L/W/H (in.)
Data Sheet
1.50 1.00 0.50 3.60 2.50
60 450 850 50 80
2 0.5 0.3 4 2.2
5 4
2 4 5 1 3
.725 / .575 / .380 M116 .725 / .575 / .380 M116 .725 / .575 / .380 M116 .910 / .700 / .510 M116 .910 / .700 / .510 M116
M113 M113 M113 M113 M113 M113 M113 M113 M113 M113
7K 6K 5K 4K 3K 2K 1K 0 0 0.01 0.1
3
2 1
1
10
100
SMT Power Inductors: Toroid, POGO Series POGO 25 PL8600 P PL8601 P PL8602 P PL8600 S PL8603 P PL8601 S PL8604 P PL8605 P PL8602 S PL8606 P PL8603 S PL8607 P PL8604 S PL8608 P PL8605 S PL8609 P PL8606 S PL8607 S PL8608 S PL8609 S POGO 40 PL8700 P PL8701 P PL8702 P PL8703 P PL8700 S PL8704 P 2.0 2.4 5.0 7.0 9.3 8.4 14.1 19.8 17.9 29.3 33.8 42.6 50.9 61.3 71.5 84.2 106.1 154.2 218.9 295.0 1.5 2.4 4.2 5.8 6.1 7.6 8.30 7.20 5.20 4.16 3.80 3.78 3.10 2.6 2.6 2.20 1.89 1.80 1.54 1.50 1.30 1.20 1.07 0.89 0.74 0.64 14.40 11.20 8.20 6.80 7.20 5.70 7.6 10.9 19.0 16.0 29.8 21.8 45.3 66.3 38.0 106 60 151 91 224 133 324 202 302 444 636 4.41 6.54 10.47 14.94 17.60 20.99 2.2 2.6 5.5 8.75 10.4 10.4 15.7 22.1 22.45 32.8 41.7 47.6 62.8 67.5 88.2 91.0 131.0 190.3 270.2 364.0 2.2 3.5 5.9 7.9 9.0 10.1 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .625 / .525 / .310 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 .725 / .600 / .380 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M114 M115 M115 M115 M115 M115 M115
Frequency (MHz)
SMT Power Inductors: Shielded Drum Core Inductance Inductance Saturation 1 DCR Part @IRATED IRATED (m @0ADC 2 Current Number (H TYP) (A) MAX) (H) @25C PL8901 PL8902 PL8903 PL8904 PL8905 PL8906 PL8907 PL8908 PL8909 PL8910 PL8911 PL8912 PL8913 PL8914 PL8915 PL8916 PL8917 0.80 1.20 2.1 2.9 3.7 4.8 6 8 9.6 12 14.4 17.6 21.6 26.4 31.2 37.6 54.4 11 10 9.0 8.0 7.3 6.0 5.5 5.0 4.5 4.1 4.0 3.8 3.4 3.0 2.7 2.6 2.1 4.0 6.0 7.3 8.5 9.5 16.5 18.5 21.8 29.0 35.4 37.0 42.0 45.9 64.8 81.5 89.0 135.0 1.0 2 1.5 2 2.7 2 3.7 2 4.7 2 6.0 2 7.6 2 10 12 15 18 22 27 33 39 47 68 14 13 11 9.2 8.2 6.9 6.2 5.5 5.1 4.4 4.3 3.8 3.4 3.0 2.8 2.6 2.1 Package L/W/H (in.) Data Sheet M117 M117 M117 M117 M117 M117 M117 M117 M117 M117 M117 M117 M117 M117 M117 M117 M117
.413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280 .413 / .413 / .280
1. The rated current as listed is either the saturation current or the heating current depending on which value is lower. 2. Inductance at 0ADC tolerance is 30%. The tolerance is 20% on all other parts. Optional Tape and Reel packaging can be ordered by adding a "T" suffix to the end of the part number.
SM = Surface Mount
66
www.pulseeng.com
G003.U (2/07)


▲Up To Search▲   

 
Price & Availability of PL8101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X